Part Number Hot Search : 
UCA6408N GCM188 200D1 29LV8 GN01022 5ETTT 29LV0 MRF8S
Product Description
Full Text Search
 

To Download SNAP-OAC5-IFM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SNAP Digital Output Modules
Features
Four channels per module Convenient pluggable wiring terminals; accepts up to 14 AWG wire Powered by a single 5-volt supply Channel-specific LEDs Operating temperature: 0 to 70 C UL and CE approved (most modules); Factory Mutual approved (part numbers ending in FM)
SNAP Digital Output Modules
SNAP Digital Output Modules
Description
Opto 22 SNAP I/O digital output modules are part of the SNAP PAC System. Customers can choose from AC or DC models. Optical isolation on all solid-state modules provides 4,000 volts of transient (4000 V for 1 ms) protection for sensitive control electronics from industrial field signals. All SNAP digital modules have removable top-mounted connectors to provide easy access for field wiring. All operate on 5 VDC control logic. Each digital module features integral channel-specific LEDs for convenient troubleshooting and maintenance. Each module is factory tested twice before shipment, and most modules are UL and CE approved. In addition, part numbers ending in FM are Factory Mutual approved. SNAP output modules are used to switch up to four separate AC or DC loads. Output modules that are fused use a standard fuse with a convenient handle for easy replacement. DC outputs are available in either a source or sink configuration. AC outputs are zero voltage turn on and zero current turn off for transient-free switching. The dry contact modules allow switching of low power signals where signal integrity must be maintained, or where
Part Numbers
Part
SNAP-OAC5 SNAP-OAC5MA SNAP-OAC5FM SNAP-OAC5-i SNAP-OAC5-IFM SNAP-ODC5SRC
Description
SNAP 4-channel 12-250 VAC output, 5 VDC logic
See pages 3, 5
SNAP 4-channel isolated 12-250 VAC output, 5 VDC logic 3, 6 with manual/auto switches SNAP 4-channel 12-250 VAC output, 5 VDC logic 4, 5
SNAP 4-channel isolated 12-250 VAC output, 5 VDC logic 3, 7 SNAP 4-channel isolated 12-250 VAC output, 5 VDC logic 4, 7 SNAP 4-channel 5-60 VDC output, 5 VDC logic source 8, 12 10, 12 8, 13 10, 13 9, 13 8, 14 10, 14 8, 14 10, 14 9, 15 9, 16 11, 16 9, 16 11, 16 ---------------
SNAP-ODC5SRCFM SNAP 4-channel 5-60 VDC output, 5 VDC logic source SNAP-ODC5SNK SNAP 4-channel 5-60 VDC output, 5 VDC logic sink
SNAP-ODC5SNKFM SNAP 4-channel 5-60 VDC output, 5 VDC logic sink SNAP-ODC5ASNK SNAP-ODC5R* SNAP-ODC5RFM* SNAP-ODC5R5* SNAP-ODC5R5FM* SNAP-ODC5MA SNAP-ODC5-i SNAP-ODC5-iFM SNAP-ODC5A-i SNAP-ODC5A-iFM SNAP-RETN4 SNAP-RETN4B SNAP-RETN6 SNAP-RETN6B SNAP-FUSE4AB SNAP-MODFUSEH *Not UL approved SNAP 4-channel 5-200 VDC output, 5 VDC logic sink SNAP 4-channel dry contact output, normally open SNAP 4-channel dry contact output, normally open SNAP 4-channel dry contact output, normally closed SNAP 4-channel dry contact output, normally closed SNAP 4-channel isolated 5-60 VDC output, 5 VDC logic with manual/auto switches SNAP 4-channel isolated 5-60 VDC output, 5 VDC logic SNAP 4-channel isolated 5-60 VDC output, 5 VDC logic SNAP 4-channel isolated 5-200 VDC output, 5 VDC logic SNAP 4-channel isolated 5-200 VDC output, 5 VDC logic SNAP 4-module retention rail (OEM) SNAP 4-module retention rail, 25-pack (OEM) SNAP 6-module retention rail (OEM) SNAP 6-module retention rail, 25-pack (OEM) SNAP 4-amp fuse, 25-pack SNAP digital output module fuse holder, 10-pack
DATA SHEET
Form 1144-100201 1
-----------------------------
Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * www.opto22.com
SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2006-2010 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
SNAP Digital Output Modules
zero leakage current is a requirement. Dry contact modules are not solid-state devices. They use reed relays, which are electromechanical devices. These modules do not provide optical isolation. Current rating for dry contact modules depends on the voltage they are used with, as shown in the graph on page 14. SNAP-OAC5MA and SNAP-ODC5MA are special modules featuring manual-on/manual-off/automatic switches, ideal for diagnostic testing of control applications. The switches override output from the application, so you can quickly check field device wiring. These modules each contain four isolated channels. The SNAP-OAC5-i, SNAP-ODC5-i, and SNAP-ODC5A-i modules provide four isolated output channels. For Ethernet-based applications requiring higher density of digital I/O points, see Opto 22 form #1556, the SNAP High-Density Digital Module Data Sheet. I/O Processor Compatibility SNAP digital output modules are compatible with all SNAP PAC brains and rack-mounted controllers, including both standard wired models and Wired+WirelessTM models. Notes for legacy hardware: SNAP digital output modules are also compatible with SNAP Ultimate, SNAP Ethernet, and SNAP Simple brains, as well as other SNAP brains such as the serial B3000 and the B3000HA. These modules can be used on B-series and M-series mounting racks. 1. Place the rack so that the module connector numbers are rightside up, with zero on the left, as shown in the diagram above. (If your rack has screw connectors, the screw connectors will be at the bottom.) 2. Position the module over the module connector, aligning the small slot at the base of the module with the retention bar on the rack. When positioning modules next to each other, be sure to align the male and female module keys at the tops of the modules before snapping a module into position. 3. With the module correctly aligned, push on the module to snap it into place. 4. (Optional) Use standard 4-40 x 1/2 truss-head Phillips holddown screws to secure both sides of each module. CAUTION: Do not over-tighten screws. 5. Follow the wiring diagrams beginning on page 5 to attach modules to the devices they monitor. Modules require a special tool (provided) for removal.
Processor connector Module position zero Module connectors Retention bar
SNAP Digital Output Modules
Form 1144-100201 DATA SHEET PAGE 2
Installation
The following diagram shows part of a SNAP mounting rack. The rack is shown without screw connectors. Modules snap securely into place in the row of connectors on the rack. Each module connector has a number. Digital output modules and other types of SNAP I/O modules are mounted on the module connectors starting at module position zero. NOTE: Check the data sheet or user's guide for the brain or on-therack controller you are using to determine module features available and any restrictions on module placement.
Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * www.opto22.com SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2006-2010 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
SNAP Digital Output Modules
Specifications--AC Modules
SNAP-OAC5 Key Feature Field Side Ratings (each channel) Line Voltage - Range Line Voltage - Nominal Current Rating 0 C to 70 C Ambient One Cycle Surge Minimum Load Current Output Voltage Drop Off-state Leakage at Nominal Voltage - 60 Hz Peak Blocking Voltage Operating Frequency dV/ dt - Off-state dV/ dt - Commutating 24-250 VAC 120/240 VAC 3 amps per module 80 amps peak (50/60 Hz) 20 mA 24-250 VAC 120/240 VAC 3 amps per module 80 amps peak (50/60 Hz) 20 mA 24-250 VAC 120/240 VAC 3 amps per module 80 amps peak (50/60 Hz) 20 mA 1.6 volts max.@ 0.75 amps 2.5 mA @ 240 VAC 1.25 mA @ 120 VAC 500 V 25-65 Hz 200 volts/msec Snubbed for rated 0.5 power factor load -SNAP-OAC5MA Diagnostic switches Four isolated channels SNAP-OAC5-i Four isolated channels
SNAP Digital Output Modules
1.6 volts max.@ 0.75 amps 1.6 volts max.@ 0.75 amps 2.5 mA @ 240 VAC 1.25 mA @ 120 VAC 500 V 25-65 Hz 200 volts/msec Snubbed for rated 0.5 power factor load 2.5 mA @ 240 VAC 1.25 mA @ 120 VAC 500 V 25-65 Hz 200 volts/msec Snubbed for rated 0.5 power factor load
Fuse (Common to all Channels)
250 VAC - 4A 5x20 mm Has four isolated channels. Fast-acting Bell Fuse Part Has four isolated channels. User must provide own fusing. User must provide own fusing. No. BEL 5HF4 Opto 22 Part No. SNAP-4A 300 VAC (1500 V transient) 300 VAC (1500 V transient)
Channel-to-channel isolation Not applicable Logic Side Ratings Pickup Voltage Dropout Voltage Control Resistance Logic Supply Voltage Logic Supply Current Module Ratings Number of Channels Per Module Turn-on Time Turn-off Time Isolation (Field Side to Logic Side) Temperature 4 0.5 cycle maximum (zero volts crossover) 0.5 cycle maximum (zero current crossover) 4,000 volts (transient) 0 to 70 C, operating -30 to 85 C, storage 4 V @ 5.5 mA 1 VDC 220 ohms 5 VDC 0.25 VDC 50 mA maximum
4 V @ 5.5 mA 1 VDC 220 ohms 5 VDC 0.25 VDC 50 mA maximum
4 V @ 5.5 mA 1 VDC 220 ohms 5 VDC 0.25 VDC 50 mA maximum
4 0.5 cycle maximum (zero volts crossover) 0.5 cycle maximum (zero current crossover) 4,000 volts (transient) 0 to 70 C, operating -30 to 85 C, storage
4 0.5 cycle maximum (zero volts crossover) 0.5 cycle maximum (zero current crossover) 4,000 volts (transient) 0 to 70 C, operating -30 to 85 C, storage DATA SHEET Form 1144-100201 3
Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * www.opto22.com SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2006-2010 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
SNAP Digital Output Modules
Specifications--AC Modules (continued)
SNAP-OAC5-FM Key Feature Factory Mutual approved SNAP-OAC5-i-FM Four isolated channels Factory Mutual approved
Field Side Ratings (each channel)
SNAP Digital Output Modules
Line Voltage - Range Line Voltage - Nominal Current Rating 0 C to 70 C Ambient One Cycle Surge Minimum Load Current Output Voltage Drop
24-250 VAC 120/240 VAC 3 amps per module 80 amps peak (50/60 Hz) 20 mA 1.6 volts max.@ 0.75 amps
24-250 VAC 120/240 VAC 3 amps per module 80 amps peak (50/60 Hz) 20 mA 1.6 volts max.@ 0.75 amps 2.5 mA @ 240 VAC 1.25 mA @ 120 VAC 500 V 25-65 Hz 200 volts/msec Snubbed for rated 0.5 power factor load Has four isolated channels. User must provide own fusing. 300 VAC (1500 V transient)
Off-state Leakage at Nominal 2.5 mA @ 240 VAC Voltage - 60 Hz 1.25 mA @ 120 VAC Peak Blocking Voltage Operating Frequency dV/ dt - Off-state dV/ dt - Commutating 500 V 25-65 Hz 200 volts/msec Snubbed for rated 0.5 power factor load 250 VAC - 4A 5x20 mm Fast-acting Bell Fuse Part No. BEL 5HF4 Opto 22 Part No. SNAP-4A Not applicable
Fuse (Common to all Channels)
Channel-to-channel isolation Logic Side Ratings Pickup Voltage Dropout Voltage Control Resistance Logic Supply Voltage Logic Supply Current Module Ratings Channels Per Module Turn-on Time Turn-off Time Isolation (Field Side to Logic Side) Temperature
4 V @ 5.5 mA 1 VDC 220 ohms 5 VDC 0.25 VDC 50 mA maximum
4 V @ 5.5 mA 1 VDC 220 ohms 5 VDC 0.25 VDC 50 mA maximum
4 0.5 cycle maximum (zero volts crossover) 0.5 cycle maximum (zero current crossover) 4,000 volts (transient) 0 to 70 C, operating -30 to 85 C, storage
4 0.5 cycle maximum (zero volts crossover) 0.5 cycle maximum (zero current crossover) 4,000 volts (transient) 0 to 70 C, operating -30 to 85 C, storage
Form 1144-100201
DATA SHEET
PAGE 4
Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * www.opto22.com SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2006-2010 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
SNAP Digital Output Modules
Schematics
SNAP-OAC5 Output Module
Part Number SNAP-OAC5 SNAP-OAC5FM Description 4-channel AC output 12-250 VAC 5 VDC logic 4-channel AC output 12-250 VAC 5 VDC logic, Factory Mutual approved
SNAP Digital Output Modules
DATA SHEET Form 1144-100201
Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * www.opto22.com SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2006-2010 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE 5
SNAP Digital Output Modules
Schematics
SNAP-OAC5MA Output Module With Manual/Auto Switches
Part Number SNAP-OAC5MA Description 4-channel isolated AC output 12-250 VAC, 5 VDC logic, with manual/auto switch
Form 1144-100201
Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * www.opto22.com SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2006-2010 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE 6
DATA SHEET
SNAP Digital Output Modules
SNAP Digital Output Modules
Schematics
SNAP-OAC5i Isolated Output Module
Part Number SNAP-OAC5-i SNAP-OAC5-IFM Description 4-channel isolated AC output 12-250 VAC, 5 VDC logic 4-channel isolated AC output 12-250 VAC, 5 VDC logic, Factory Mutual approved
SNAP Digital Output Modules
DATA SHEET Form 1144-100201
Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * www.opto22.com SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2006-2010 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE 7
SNAP Digital Output Modules
Specifications--DC Modules
SNAP-ODC5SRC Key Feature Load sourcing SNAP-ODC5SNK Load sinking SNAP-ODC5R Dry contact Normally open SNAP-ODC5R5 Dry contact Normally closed
Field Side Ratings (each channel)
SNAP Digital Output Modules
Line Voltage - Range Line Voltage - Nominal Current Rating 0 C to 70 C Ambient Surge Current Minimum Load Output Voltage Drop Off-state Leakage Peak Blocking Voltage Fuse (Common to all Channels) Channel-to-channel isolation Logic Side Ratings Pickup Voltage Dropout Voltage Control Resistance Logic Supply Voltage Logic Supply Current Module Ratings Number of Channels Per Module Turn-on Time Turn-off Time Isolation (Field Side to Logic Side) Temperature
5-60 VDC 5-48 VDC 3 amps per module 5 amps peak for 1 second 20 mA 1.6 volts max.@ 0.75 amps 1 mA @ 60 VDC 60 VDC 250 VAC - 4A 5x20 mm Fast-acting Bell Fuse Part No. BEL 5HF4 Opto 22 Part SNAP-4A Not applicable
5-60 VDC 5-48 VDC 3 amps per module 5 amps peak for 1 second 20 mA 1.6 volts max.@ 0.75 amps 1 mA @ 60 VDC 60 VDC
0-100 VDC 0-130 VAC* -0.5 amps switching* 0.5 amps* 0 mA 0 volts 0 mA 100 VDC / 130 VAC
0-100 VDC 0-130 VAC* -0.5 amps switching* 0.5 amps* 0 mA 0 volts 0 mA 100 VDC / 130 VAC Has four isolated channels. User must provide own fusing. 300 VAC (1500 V transient)
250 VAC - 4A 5x20 mm Has four isolated Fast-acting Bell Fuse channels. User must Part No. BEL 5HF4 provide own fusing. Opto 22 Part SNAP-4A Not applicable 300 VAC (1500 V transient)
4 V @ 5.5 mA 1 VDC 220 ohms 5 VDC 0.25 VDC 50 mA maximum
4 V @ 5.5 mA 1 VDC 220 ohms 5 VDC 0.25 VDC 50 mA maximum
4 V @ 5.5 mA 1 VDC 220 ohms 5 VDC 0.25 VDC 50 mA maximum
4 V @ 5.5 mA 1 VDC 220 ohms 5 VDC 0.25 VDC 50 mA maximum
4 100 usec 750 usec 4,000 volts (transient) 0 to 70 C, operating -30 to 85 C, storage
4 100 usec 750 usec 4,000 volts (transient) 0 to 70 C, operating -30 to 85 C, storage
4 500 usec 500 usec 1,500 volts (transient) 0 to 70 C, operating -30 to 85 C, storage
4 500 usec 500 usec 1,500 volts (transient) 0 to 70 C, operating -30 to 85 C, storage
Form 1144-100201
DATA SHEET
* The power rating of the dry contact module must not exceed 10 VA under steady state or momentary in-rush conditions. For voltages at or below 20 volts, the current limit is 0.5 amps. For voltages above 20 volts, the maximum allowable current is determined by the following equation: 10 VA / Voltage = Current maximum. Rating curve is in the data sheet.
PAGE 8
Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * www.opto22.com SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2006-2010 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
SNAP Digital Output Modules
Specifications--DC Modules (continued)
SNAP-ODC5MA Key Feature Diagnostic switches Four isolated channels SNAP-ODC5-i Four isolated channels SNAP-ODC5A-i Four isolated channels SNAP-ODC5ASNK Load sinking
Field Side Ratings (each channel)
SNAP Digital Output Modules
Line Voltage - Range Line Voltage - Nominal Current Rating 0 C to 70 C Ambient Surge Current Minimum Load Output Voltage Drop Off-state Leakage Peak Blocking Voltage
5-60 VDC 5-48 VDC 2 amps per module 0.5 amps per channel 1.5 amps peak for 1 second 20 mA 1.6 volts max.@ 0.75 amps 1 mA @ 60 VDC 60 VDC Has four isolated channels. User must provide own fusing. 300 VAC (1500 V transient)
5-60 VDC 5-48 VDC 3 amps per module 5 amps peak for 1 second 20 mA 1.6 volts max.@ 0.75 amps 1 mA @ 60 VDC 60 VDC Has four isolated channels. User must provide own fusing. 300 VAC (1500 V transient)
5-200 VDC 5-200 VDC 3 amps per module 5 amps peak for 1 second 20 mA 1.6 volts max.@ 0.75 amps 1 mA @ 200 VDC 200 VDC Has four isolated channels. User must provide own fusing. 300 VAC (1500 V transient)
5-200 VDC 5-200 VDC 3 amps per module 5 amps peak for 1 second 20 mA 1.6 volts max.@ 0.75 amps 1 mA @ 200 VDC 200 VDC 250 VAC - 4A 5x20 mm Fast-acting Bell Fuse Part No. BEL 5HF4 Opto 22 Part No. SNAP-4A Not applicable
Fuse (Common to all Channels)
Channel-to-channel isolation Logic Side Ratings Pickup Voltage Dropout Voltage Control Resistance Logic Supply Voltage Logic Supply Current Module Ratings Number of Channels Per Module Turn-on Time Turn-off Time Isolation (Field Side to Logic Side) Temperature
4 V @ 5.5 mA 1 VDC 220 ohms 5 VDC 0.25 VDC 50 mA maximum
4 V @ 5.5 mA 1 VDC 220 ohms 5 VDC 0.25 VDC 50 mA maximum
4 V @ 5.5 mA 1 VDC 220 ohms 5 VDC 0.25 VDC 50 mA maximum
4 V @ 5.5 mA 1 VDC 220 ohms 5 VDC 0.25 VDC 50 mA maximum
4 100 usec 750 usec 4,000 volts (transient) 0 to 70 C, operating -30 to 85 C, storage
4 100 usec 750 usec 4,000 volts (transient) 0 to 70 C, operating -30 to 85 C, storage
4 100 usec 750 usec 4,000 volts (transient) 0 to 70 C, operating -30 to 85 C, storage
4 100 usec 750 usec 4,000 volts (transient) 0 to 70 C, operating -30 to 85 C, storage DATA SHEET Form 1144-100201
Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * www.opto22.com SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2006-2010 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE 9
SNAP Digital Output Modules
Specifications--DC Modules (continued)
SNAP-ODC5SRCFM Key Feature Factory Mutual approved SNAP-ODC5SNKFM Factory Mutual approved SNAP-ODC5RFM Factory Mutual approved SNAP-ODC5R5FM Factory Mutual approved
Field Side Ratings (each channel)
SNAP Digital Output Modules
Line Voltage - Range Line Voltage - Nominal Current Rating 0C to 70C Ambient Surge Current Minimum Load Output Voltage Drop Off-state Leakage Peak Blocking Voltage Fuse (Common to all Channels) Logic Side Ratings Pickup Voltage Dropout Voltage Control Resistance Logic Supply Voltage Logic Supply Current Module Ratings Number of Channels Per Module Turn-on Time Turn-off Time Isolation (Field Side to Logic Side) Temperature
5-60 VDC 5-48 VDC 3 amps per module 5 amps peak for 1 second 20 mA 1.6 volts max.@ 0.75 amps 1 mA @ 60 VDC 60 VDC 250 VAC - 4A 5x20 mm Fast-acting Bell Fuse Part No. BEL 5HF4 Opto 22 Part SNAP-4A
5-60 VDC 5-48 VDC 3 amps per module 5 amps peak for 1 second 20 mA 1.6 volts max.@ 0.75 amps 1 mA @ 60 VDC 60 VDC
0-100 VDC 0-130 VAC* -0.5 amps switching* 0.5 amps* 0 mA 0 volts 0 mA 100 VDC / 130 VAC
0-100 VDC 0-130 VAC* -0.5 amps switching* 0.5 amps* 0 mA 0 volts 0 mA 100 VDC / 130 VAC Has four isolated channels. User must provide own fusing.
250 VAC - 4A 5x20 mm Has four isolated Fast-acting Bell Fuse channels. User must Part No. BEL 5HF4 provide own fusing. Opto 22 Part SNAP-4A
4 V @ 5.5 mA 1 VDC 220 ohms 5 VDC 0.25 VDC 50 mA maximum
4 V @ 5.5 mA 1 VDC 220 ohms 5 VDC 0.25 VDC 50 mA maximum
4 V @ 5.5 mA 1 VDC 220 ohms 5 VDC 0.25 VDC 50 mA maximum
4 V @ 5.5 mA 1 VDC 220 ohms 5 VDC 0.25 VDC 50 mA maximum
4 100 usec 750 usec 4,000 volts (transient) 0 to 70 C, operating -30 to 85 C, storage
4 100 usec 750 usec 4,000 volts (transient) 0 to 70 C, operating -30 to 85 C, storage
4 500 usec 500 usec 1,500 volts (transient) 0 to 70 C, operating -30 to 85 C, storage
4 500 usec 500 usec 1,500 volts (transient) 0 to 70 C, operating -30 to 85 C, storage
* The power rating of the dry contact module must not exceed 10 VA under steady state or momentary in-rush conditions. For voltages at or below 20 volts, the current limit is 0.5 amps. For voltages above 20 volts, the maximum allowable current is determined by the following equation: 10 VA / Voltage = Current maximum. Rating curve is in the data sheet. Form 1144-100201
Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * www.opto22.com SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2006-2010 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE 10
DATA SHEET
SNAP Digital Output Modules
Specifications--DC Modules (continued)
SNAP-ODC5-iFM Key Feature Four isolated channels Factory Mutual approved SNAP-ODC5A-iFM Four isolated channels Factory Mutual approved
Field Side Ratings (each channel) Line Voltage - Range Line Voltage - Nominal Current Rating 0C to 70C Ambient Surge Current Minimum Load Output Voltage Drop Off-state Leakage Peak Blocking Voltage Fuse (Common to all Channels) Logic Side Ratings Pickup Voltage Dropout Voltage Control Resistance Logic Supply Voltage Logic Supply Current Module Ratings Number of Channels Per Module 4 Turn-on Time Turn-off Time Isolation (Field Side to Logic Side) Temperature 100 usec 750 usec 4,000 volts (transient) 0 to 70 C, operating -30 to 85 C, storage 4 100 usec 750 usec 4,000 volts (transient) 0 to 70 C, operating -30 to 85 C, storage 4 V @ 5.5 mA 1 VDC 220 ohms 5 VDC 0.25 VDC 50 mA maximum 4 V @ 5.5 mA 1 VDC 220 ohms 5 VDC 0.25 VDC 50 mA maximum 5-60 VDC 5-48 VDC 3 amps per module 5 amps peak for 1 second 20 mA 1.6 volts max.@ 0.75 amps 1 mA @ 60 VDC 60 VDC 5-200 VDC 5-200 VDC 3 amps per module 5 amps peak for 1 second 20 mA 1.6 volts max.@ 0.75 amps 1 mA @ 60 VDC 200 VDC
SNAP Digital Output Modules
Has four isolated channels. Has four isolated channels. User must provide own fusing. User must provide own fusing.
DATA SHEET
Form 1144-100201
Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * www.opto22.com SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2006-2010 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE 11
SNAP Digital Output Modules
Schematics
SNAP-ODC5SRC Output Module-- Sourcing
Part Number SNAP-ODC5SRC SNAP-ODC5SRCFM Description 4-channel DC output 5-60 VDC logic source 4-channel DC output 5-60 VDC logic source, Factory Mutual approved
Form 1144-100201
Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * www.opto22.com SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2006-2010 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE 12
DATA SHEET
SNAP Digital Output Modules
SNAP Digital Output Modules
Schematics
SNAP-ODC5SNK and SNAP-ODC5ASNK Output Modules--Sinking
Part Number SNAP-ODC5SNK SNAP-ODC5SNKFM SNAP-ODC5ASNK Description 4-channel DC output 5-60 VDC logic sink 4-channel DC output 5-60 VDC logic sink, Factory Mutual approved 4-channel DC output 5-200 VDC logic sink
SNAP Digital Output Modules
DATA SHEET Form 1144-100201 PAGE 13
Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * www.opto22.com SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2006-2010 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
SNAP Digital Output Modules
Schematics
SNAP-ODC5R and SNAP-ODC5R5 Dry Contact Module
Current Limit at Key Voltages Part Number SNAP-ODC5R SNAP-ODC5R5 SNAP-ODC5RFM SNAP-ODC5R5FM Description 4-channel dry contact output, normally open 4-channel dry contact output, normally closed 4-channel dry contact output, normally open, Factory Mutual approved 4-channel dry contact output, normally closed, Factory Mutual approved
SNAP Digital Output Modules
VDC 5 12 24 48 1001
1
mA 500 500 416 206 100
10 VA Rating for Reed Relay (Dry Contact)Modules
600
Maximum Allowable Current (mA)
Maximum DC voltage is 100 VDC.
500
NOTE: Commutating diode* must be used on inductive loads. Typical wiring examples:
400 300 200
100 0 0 10 20 30 40 50 60 70 80 90 100 Field Voltage
Form 1144-100201
Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * www.opto22.com SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2006-2010 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE 14
DATA SHEET
SNAP Digital Output Modules
Schematics
SNAP-ODC5MA Output Module with Manual/Auto Switches
Part Number SNAP-ODC5MA Description 4-channel isolated DC output 5-60 VDC, 5 VDC logic, with manual/auto switches
SNAP Digital Output Modules
DATA SHEET Form 1144-100201
Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * www.opto22.com SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2006-2010 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE 15
SNAP Digital Output Modules
Schematics
SNAP-ODC5-i and SNAP-ODC5A-i Isolated Output Module
Part Number SNAP-ODC5-i SNAP-ODC5A-i SNAP-ODC5-iFM Description 4-channel isolated DC output 5-60 VDC, 5 VDC logic 4-channel isolated DC output 5-200 VDC, 5 VDC logic 4-channel isolated DC output 5-60 VDC, 5 VDC logic, Factory Mutual approved 4-channel isolated DC output 5-200 VDC, 5 VDC logic, Factory Mutual approved
SNAP Digital Output Modules
SNAP-ODC5A-iFM
Form 1144-100201
Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * www.opto22.com SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2006-2010 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE 16
DATA SHEET
SNAP Digital Output Modules
Dimensional Drawing
All Models Except MA
SNAP Digital Output Modules
DATA SHEET Form 1144-100201
Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * www.opto22.com SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2006-2010 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE 17
SNAP Digital Output Modules
Dimensional Drawing
All MA Models
Form 1144-100201
Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * www.opto22.com SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2006-2010 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE 18
DATA SHEET
SNAP Digital Output Modules
SNAP Digital Output Modules
Dimensional Drawing
All Models
SNAP Digital Output Modules
IMPORTANT: The mounting rack connector has 24 pins; the module connector has 20 pins. The extra pins on the mounting rack connector prevent misalignment of the module during installation.
DATA SHEET
Form 1144-100201
Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * www.opto22.com SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2006-2010 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE 19
SNAP Digital Output Modules
Dimensional Drawing
All Models SNAP Digital Module Mounted on SNAP Rack
Form 1144-100201
Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * www.opto22.com SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2006-2010 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE 20
DATA SHEET
SNAP Digital Output Modules
More About Opto 22
Products
Opto 22 develops and manufactures reliable, flexible, easy-to-use hardware and software products for industrial automation, remote monitoring, and data acquisition applications. SNAP PAC System Designed to simplify the typically complex process of understanding, selecting, buying, and applying an automation system, the SNAP PAC System consists of four integrated components: * SNAP PAC controllers * PAC ProjectTM Software Suite * SNAP PAC brains * SNAP I/OTM
SNAP PAC Controllers SNAP PAC Brains
While SNAP PAC controllers provide central control and data distribution, SNAP PAC brains provide distributed intelligence for I/O processing and communications. Brains offer analog, digital, and serial functions, including thermocouple linearization; PID loop control; and optional high-speed digital counting (up to 20 kHz), quadrature counting, TPO, and pulse generation and measurement.
SNAP I/O
I/O provides the local connection to sensors and equipment. Opto 22 SNAP I/O offers 1 to 32 points of reliable I/O per module, depending on the type of module and your needs. Analog, digital, serial, and special-purpose modules are all mixed on the same mounting rack and controlled by the same processor (SNAP PAC brain or rack-mounted controller).
Quality
Founded in 1974 and with over 85 million devices sold, Opto 22 has established a worldwide reputation for highquality products. All are made in the U.S.A. at our manufacturing facility in Temecula, California. Because we do no statistical testing and each part is tested twice before leaving our factory, we can guarantee most solid-state relays and optically isolated I/O modules for life.
Programmable automation controllers (PACs) are multifunctional, multidomain, modular controllers based on open standards and providing an integrated development environment. Opto 22 has been manufacturing PACs for many years. The latest models include the standalone SNAP PAC S-series and the rackmounted SNAP PAC R-series. Both handle a wide range of digital, analog, and serial functions and are equally suited to data collection, remote monitoring, process control, and discrete and hybrid manufacturing. SNAP PACs are based on open Ethernet and Internet Protocol (IP) standards, so you can build or extend a system without the expense and limitations of proprietary networks and protocols.
PAC Project Software Suite
Free Product Support
Opto 22's Product Support Group offers free, comprehensive technical support for Opto 22 products. Our staff of support engineers represents decades of training and experience. Product support is available in English and Spanish, by phone or email, Monday through Friday, 7 a.m. to 5 p.m. PST.
Opto 22's PAC Project Software Suite provides full-featured and cost-effective control programming, HMI (human machine interface) development and runtime, OPC server, and database connectivity software to power your SNAP PAC System. These fully integrated software applications share a single tagname database, so the data points you configure in PAC ControlTM are immediately available for use in PAC DisplayTM, OptoOPCServerTM, and OptoDataLinkTM. Commands are in plain English; variables and I/O point names are fully descriptive. PAC Project Basic offers control and HMI tools and is free for download on our website, www.opto22.com. PAC Project Professional, available for separate purchase, adds OptoOPCServer, OptoDataLink, options for Ethernet link redundancy or segmented networking, and support for legacy Opto 22 serial misticTM I/O units.
Free Customer Training
Hands-on training classes for the SNAP PAC System are offered at our headquarters in Temecula, California. Each student has his or her own learning station; classes are limited to nine students. Registration for the free training class is on a first-come, first-served basis. See our website, www.opto22.com, for more information or email training@opto22.com.
Purchasing Opto 22 Products
Opto 22 products are sold directly and through a worldwide network of distributors, partners, and system integrators. For more information, contact Opto 22 headquarters at 800-321-6786 or 951-695-3000, or visit our website at www.opto22.com.
www.opto22.com
www.opto22.com * Opto 22 * 43044 Business Park Drive * Temecula, CA 92590-3614 * Form 1335-090113
SALES 800-321-6786 * 951-695-3000 * FAX 951-695-3095 * sales@opto22.com * SUPPORT 800-835-6786 * 951-695-3080 * FAX 951-695-3017 * support@opto22.com (c) 2009 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.


▲Up To Search▲   

 
Price & Availability of SNAP-OAC5-IFM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X